Part Number Hot Search : 
01502 312D5WFR SUPER 4050N UPC1225 W9825G SD550YT SGM300N
Product Description
Full Text Search
 

To Download JANS6761UR-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N5819UR-1 AND 1N6761UR-1 AVAILABLE IN AND JANS PER MIL-PRF-19500/586 * 1 AMP SCHOTTKY BARRIER RECTIFIERS * HERMETICALLY SEALED
JAN, JANTX, JANTXV
* LEADLESS PACKAGE FOR SURFACE MOUNT * METALLURGICALLY BONDED
1N5819UR and CDLL5817 thru CDLL5819 and CDLL6759 thru CDLL6761 and CDLL1A20 thru CDLL1A100
MAXIMUM RATINGS
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Average Rectified Forward Current: 1.0 AMP @TEC = +55C Derating: 14 mA / C above TEC = +55C
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
DIM D F G G1 S
MILLIMETERS MIN MAX 2.39 2.66 0.41 0.55 4.80 5.20 4.11 REF. 0.03 MIN.
INCHES MIN MAX .094 .105 .016 .022 .189 .205 .159 REF. .001 MIN.
CDI TYPE NUMBER
WORKING PEAK REVERSE VOLTAGE VRWM VOLTS
MAXIMUM FORWARD VOLTAGE VF @ 0.1A VOLTS 0.36 0.36 0.36 0.34 0.38 0.38 0.38 0.38 0.36 0.36 0.36 0.36 0.38 0.38 0.38 VF @ 1.0A VOLTS 0.60 0.60 0.60 0.49 0.69 0.69 0.69 0.69 0.60 0.60 0.60 0.60 0.69 0.69 0.69 VF @ 3.1A VOLTS 0.9 0.9 0.9 0.8 N/A N/A N/A N/A 0.9 0.9 0.9 0.9 N/A N/A N/A
MAXIMUM REVERSE LEAKAGE CURRENT AT RATED VOLTAGE IR @ +25C mA 0.1 0.1 0.1 0.05 0.1 0.1 0.1 0.10 0.1 0.1 0.1 0.1 0.1 0.1 0.1 IR @ +100C mA 5.0 5.0 5.0 5.0 6.0 6.0 6.0 12.0 5.0 5.0 5.0 5.0 12.0 12.0 12.0
FIGURE 1
DESIGN DATA
CASE: DO-213AB, Hermetically sealed glass case. (MELF, LL41) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 40 C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZOJX): 12 C/W maximum POLARITY: Cathode end is banded. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
CDLL5817 CDLL5818 CDLL5819 J,JX,JV & JS 5819UR-1 CDLL6759 CDLL6760 CDLL6761 J,JX,JV & JS 6761UR-1 CDLL1A20 CDLL1A30 CDLL1A40 CDLL1A50 CDLL1A60 CDLL1A80 CDLL1A100
20 30 40 45 60 80 100 100 20 30 40 50 60 80 100
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
147
thru CDLL5819 and CDLL6759 thru CDLL6761 and CDLL1A20 thru CDLL1A100
TYPICAL REVERSE LEAKAGE CURRENT AT RATED PIV (PULSED) 10.0
CDLL5817
IR, REVERSE CURRENT (mA)
1.0
CDLL5819
0.1
CDLL5818 CDLL5817
0.01
0.001 +25 +50 +75 +100 +125
TJ , JUNCTION TEMPERATURE (C)
FIGURE 1
TYPICAL FORWARD VOLTAGE 100.0 IF, FORWARD CURRENT, INSTANTANEOUS (AMPS)
10.0
1.0
0.1
0.01 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
VF, FORWARD VOLTAGE, INSTANTANEOUS (VOLTS)
148
FIGURE 2


▲Up To Search▲   

 
Price & Availability of JANS6761UR-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X